Part Number Hot Search : 
EMC1023 RTL8204 1N6152A 1N4741AW M82C55 MYE39TA WFW20N60 1N4741A
Product Description
Full Text Search
 

To Download PDTC143TM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
PDTC143T series NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
Product specification Supersedes data of 2004 Apr 06 2004 Aug 06
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
FEATURES * Built-in bias resistors * Simplified circuit design * Reduction of component count * Reduced pick and place costs. APPLICATIONS * General purpose switching and amplification * Inverter and interface circuits * Circuit applications. DESCRIPTION
PDTC143T series
QUICK REFERENCE DATA SYMBOL VCEO IO R1 R2 PARAMETER collector-emitter voltage output current (DC) bias resistor open TYP. - - 4.7 - MAX. 50 100 - - UNIT V mA k -
NPN resistor-equipped transistor (see "Simplified outline, symbol and pinning" for package details).
PRODUCT OVERVIEW PACKAGE TYPE NUMBER PHILIPS PDTC143TE PDTC143TEF PDTC143TK PDTC143TM PDTC143TS PDTC143TT PDTC143TU Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. SOT416 SOT490 SOT346 SOT883 SOT54 (TO-92) SOT23 SOT323 EIAJ SC-75 SC-89 SC-59 SC-101 SC-43 - SC-70 40 11 52 DM TC143T *33(1) *52(1) PDTA143TE PDTA143TEF PDTA143TK PDTA143TM PDTA143TS PDTA143TT PDTA143TU MARKING CODE PNP COMPLEMENT
2004 Aug 06
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
PDTC143T series
PINNING TYPE NUMBER PDTC143TS
handbook, halfpage
SIMPLIFIED OUTLINE AND SYMBOL PIN 1 2
1 2 3 1 3
MAM361
DESCRIPTION base collector emitter
2 R1
3
PDTC143TE PDTC143TEF PDTC143TK PDTC143TT PDTC143TU
1 Top view 2
MDB270
1 2
handbook, halfpage
base emitter collector
3 R1 1
3
3
2
PDTC143TM
handbook, halfpage
1 2
3 R1 1 3 1 2 Bottom view
MHC507
base emitter collector
3
2
2004 Aug 06
3
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PDTC143TE PDTC143TEF PDTC143TK PDTC143TM PDTC143TS PDTC143TT PDTC143TU - - - - - - - DESCRIPTION plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads
PDTC143T series
VERSION SOT416 SOT490 SOT346 SOT883 SOT54 SOT23 SOT323
leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm plastic single-ended leaded (through hole) package; 3 leads plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IO ICM Ptot PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage output current (DC) collector current total power dissipation SOT54 SOT23 SOT346 SOT323 SOT490 SOT883 SOT416 Tstg Tj Tamb Notes 1. Refer to standard mounting conditions. 2. Reflow soldering is the only recommended soldering method. 3. Refer to SOT883 standard mounting conditions; FR4 with 60 m copper strip line. storage temperature junction temperature operating ambient temperature Tamb 25 C note 1 note 1 note 1 note 1 notes 1 and 2 notes 2 and 3 note 1 - - - - - - - -65 - -65 500 250 250 200 250 250 150 +150 150 +150 mW mW mW mW mW mW mW C C C CONDITIONS open emitter open base open collector - - - - - MIN. 50 50 5 100 100 MAX. V V V mA mA UNIT
2004 Aug 06
4
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) SOT54 SOT23 SOT346 SOT323 SOT490 SOT883 SOT416 Notes 1. Refer to standard mounting conditions. 2. Reflow soldering is the only recommended soldering method. 3. Refer to SOT883 standard mounting conditions; FR4 with 60 m copper strip line. CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO ICEO IEBO hFE VCEsat R1 Cc PARAMETER collector-base cut-off current collector-emitter cut-off current emitter-base cut-off current DC current gain collector-emitter saturation voltage input resistor collector capacitance IE = ie = 0 A; VCB = 10 V; f = 1 MHz CONDITIONS VCB = 50 V; IE = 0 A VCE = 30 V; IB = 0 A VCE = 30 V; IB = 0 A; Tj = 150 C VEB = 5 V; IC = 0 A VCE = 5 V; IC = 1 mA IC = 5 mA; IB = 0.25 mA PARAMETER thermal resistance from junction to ambient CONDITIONS in free air note 1 note 1 note 1 note 1 notes 1 and 2 notes 2 and 3 note 1
PDTC143T series
VALUE 250 500 500 625 500 500 833
UNIT K/W K/W K/W K/W K/W K/W K/W
MIN. - - - - 200 - 3.3 -
TYP. - - - - - - 4.7 -
MAX. 100 1 50 100 - 100 6.1 2.5
UNIT nA A A nA mV k pF
2004 Aug 06
5
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PACKAGE OUTLINES
Plastic surface mounted package; 3 leads
PDTC143T series
SOT490
D
B
E
A
X
HE
vMA
3
A
1
e1 e bp
2
wMB Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.8 0.6 bp 0.33 0.23 c 0.2 0.1 D 1.7 1.5 E 0.95 0.75 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.5 0.3 v 0.1 w 0.1
OUTLINE VERSION SOT490
REFERENCES IEC JEDEC EIAJ SC-89
EUROPEAN PROJECTION
ISSUE DATE 98-10-23
2004 Aug 06
6
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Plastic surface mounted package; 3 leads
SOT346
E D B
A X
HE
vMA
3
Q
A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.3 1.0 A1 0.1 0.013 bp 0.50 0.35 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 1.9 e1 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2
OUTLINE VERSION SOT346
REFERENCES IEC JEDEC TO-236 EIAJ SC-59
EUROPEAN PROJECTION
ISSUE DATE 98-07-17
2004 Aug 06
7
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
L 2 b e
L1
3
b1
1
e1
A A1
E
D
0
0.5 scale
1 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A (1) 0.50 0.46 A1 max. 0.03 b 0.20 0.12 b1 0.55 0.47 D 0.62 0.55 E 1.02 0.95 e 0.35 e1 0.65 L 0.30 0.22 L1 0.30 0.22
Note 1. Including plating thickness OUTLINE VERSION SOT883 REFERENCES IEC JEDEC JEITA SC-101 EUROPEAN PROJECTION ISSUE DATE 03-02-05 03-04-03
2004 Aug 06
8
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.55 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1)
max.
2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 JEITA SC-43A EUROPEAN PROJECTION ISSUE DATE 97-02-28 04-06-28
2004 Aug 06
9
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Plastic surface mounted package; 3 leads
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2004 Aug 06
10
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Plastic surface mounted package; 3 leads
SOT323
D
B
E
A
X
y
HE
vMA
3
Q
A
A1 c
1
e1 e bp
2
wM B Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2
OUTLINE VERSION SOT323
REFERENCES IEC JEDEC EIAJ SC-70
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2004 Aug 06
11
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
PDTC143T series
Plastic surface mounted package; 3 leads
SOT416
D
B
E
A
X
vMA
HE
3
Q
A
1
e1 e bp
2
wM B
A1 c
Lp detail X
0
0.5 scale
1 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.95 0.60 A1 max 0.1 bp 0.30 0.15 c 0.25 0.10 D 1.8 1.4 E 0.9 0.7 e 1 e1 0.5 HE 1.75 1.45 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2
OUTLINE VERSION SOT416
REFERENCES IEC JEDEC EIAJ SC-75
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2004 Aug 06
12
Philips Semiconductors
Product specification
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = open
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PDTC143T series
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Aug 06
13
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R75/06/pp14
Date of release: 2004
Aug 06
Document order number:
9397 750 13675


▲Up To Search▲   

 
Price & Availability of PDTC143TM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X